PART |
Description |
Maker |
MAX6512UT-T MAX6513UT-T MAX6512 MAX6511UT-T MAX651 |
Temperature trip threshold 55, 3.0V to 5.5V, low-cost, remote SOT temperature switch Low-Cost Remote SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches Temperature trip threshold 95, 3.0V to 5.5V, low-cost, remote SOT temperature switch
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADT6503ARJP005 ADT6504 ADT6504ARJN005 ADT6501ARJP1 |
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
|
AD[Analog Devices]
|
LTCWK |
36V Low Cost High Side Current Sense in a SOT-23
|
Linear Technology Corporation
|
623300.010.000.030 623300.051.020.030 623300.050.0 |
Low-Cost, Remote SOT Temperature Switches LEITERPLATTENTASTER 17.3X16.7 ROT LED LEITERPLATTENTASTER 17.3X16.7 SCHWARZ LEITERPLATTENTASTER 12.3X16.7 ROT LED LEITERPLATTENTASTER 12.3X12.7 SCHWARZ LEITERPLATTENTASTER 12.3X16.7 GRAU LEITERPLATTENTASTER 12.3X16.7格劳
|
Molex, Inc.
|
CY7C1367C-166BGC CY7C1366C-200BZI CY7C1366C-200BZC |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PBGA119 Low Cost, Single, 300 MHz Voltage Feedback Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 256K X 36 CACHE SRAM, 3 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
424H4B-L1 428L4EX-L1 428H4EX-L1 428H4EX-L7 428L4EX |
Resistor-Programmable SOT Temperature Switches Analog IC Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23 模拟IC
|
Electronic Theatre Controls, Inc.
|
KM7101 |
Ultra-Low Cost, 136uA, 4.9MHz Rail-to-Rail I/O Amplifier From old datasheet system an ultra-low cost, low power, voltage feed-back
|
Fairchild Semiconductor
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
MAX705 MAX705CPA MAX705CSA MAX705CUA MAX705EPA MAX |
Quadruple 2-Input Multiplexers With Storage 16-CFP -55 to 125 Quadruple 2-Input Multiplexers With Storage 16-CDIP -55 to 125 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Low-Cost / uP Supervisory Circuits From old datasheet system Low-Cost uP Supervisory Circuits Low-Cost, μP Supervisory Circuits Low-Cost, uP Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|